PART |
Description |
Maker |
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
LH1500AAB LH1500AABTR LH1500AT |
Solid State Relay (LH1500AAB/AT/AABTR) Solid State Relay Solid State Relay 固态继电器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
LH1547AAB1 LH1547AAB1TR LH1547AT1 LH1547-AAB1 LH15 |
Solid State Relay (SSR) 1FormA 1 Form A Solid-State Relay
|
Infineon Technologies AG
|
LH1500-AT LH1530 LH1504 LH1519 LH1518 LH1517 LH155 |
High Voltage Solid State Relays 高压固态继电器 High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 1FormA
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HSSR8060 HSSR-8060 HSSR-8400 |
400 V/10 Ohm/ General Purpose/ 1 Form A/ Solid State Relay 60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay 60 V/0.7欧姆,通用 A型,固态继电器 60 V/0.7 Ohm/ General Purpose/ 1 Form A/ Solid State Relay
|
Fujitsu, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PLC-BSC-48DC FBST500-PLCBU |
Solid-state relay module Universal PLC Interface with PDT Relay
|
PHOENIX CONTACT
|
PS7200J-1A-E3 PS7200J-1A-F3 PS7200J-1A-E4 PS7200J- |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY 4引脚SOP低输出电容固态继电器 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No
|
NEC, Corp. NEC Corp. NEC[NEC]
|